| データシートサーチシステム |
|
WM8776 データシート(PDF) 3 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8776 データシート(HTML) 3 Page - Wolfson Microelectronics plc |
|
3 / 55 page ![]() Product Preview WM8776 w PP Rev 1.91 June 2004 3 PIN CONFIGURATION ORDERING INFORMATION DEVICE TEMPERATURE RANGE PACKAGE MOISTURE SENSITIVITY LEVEL PEAK SOLDERING TEMPERATURE WM8776EFT/V -25 to +85 oC 48-pin TQFP MSL2 240 °C WM8776EFT/RV -25 to +85 oC 48-pin TQFP (tape and reel) MSL2 240 °C WM8776SEFT/V -25 to +85 oC 48-pin TQFP (lead free) MSL2 260 °C WM8776SEFT/RV -25 to +85 oC 48-pin TQFP (lead free, tape and reel) MSL2 260 °C Note: Reel quantity = 2,200 |