データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM504 データシート(PDF) 13 Page - Texas Instruments

部品番号 DM504
部品情報  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 データシート(HTML) 13 Page - Texas Instruments

Back Button DM504 Datasheet HTML 9Page - Texas Instruments DM504 Datasheet HTML 10Page - Texas Instruments DM504 Datasheet HTML 11Page - Texas Instruments DM504 Datasheet HTML 12Page - Texas Instruments DM504 Datasheet HTML 13Page - Texas Instruments DM504 Datasheet HTML 14Page - Texas Instruments DM504 Datasheet HTML 15Page - Texas Instruments DM504 Datasheet HTML 16Page - Texas Instruments DM504 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 211 page
background image
Copyright © 2016–2017, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
13
DM504
www.ti.com
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
Table 4-1. Pin Attributes(1) (continued)
BALL NUMBER
BOTTOM [1]
BALL NUMBER
TOP [2]
BALL NAME [3]
SIGNAL NAME [4]
MUXMODE
[5]
TYPE [6]
BALL
RESET
STATE [7]
BALL
RESET
REL.
STATE [8]
BALL
RESET
REL.
MUXMODE
[9]
I/O
VOLTAGE
VALUE
[10]
POWER
[11]
HYS [12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
DSIS [15]
H23
ddr1_d9
ddr1_d9
0
IO
PD
PD
1.2
vdds_ddr
NA
LVCMOS
DDR
PUx/PDy
G23
ddr1_d10
ddr1_d10
0
IO
PD
PD
1.2
vdds_ddr
NA
LVCMOS
DDR
PUx/PDy
F22
ddr1_d11
ddr1_d11
0
IO
PD
PD
1.2
vdds_ddr
NA
LVCMOS
DDR
PUx/PDy
E22
ddr1_d12
ddr1_d12
0
IO
PD
PD
1.2
vdds_ddr
NA
LVCMOS
DDR
PUx/PDy
E23
ddr1_d13
ddr1_d13
0
IO
PD
PD
1.2
vdds_ddr
NA
LVCMOS
DDR
PUx/PDy
D23
ddr1_d14
ddr1_d14
0
IO
PD
PD
1.2
vdds_ddr
NA
LVCMOS
DDR
PUx/PDy
C22
ddr1_d15
ddr1_d15
0
IO
PD
PD
1.2
vdds_ddr
NA
LVCMOS
DDR
PUx/PDy
AB12
ddr1_d16
ddr1_d16
0
IO
PD
PD
1.2
vdds_ddr
NA
LVCMOS
DDR
PUx/PDy
AC13
ddr1_d17
ddr1_d17
0
IO
PD
PD
1.2
vdds_ddr
NA
LVCMOS
DDR
PUx/PDy
AB14
ddr1_d18
ddr1_d18
0
IO
PD
PD
1.2
vdds_ddr
NA
LVCMOS
DDR
PUx/PDy
AC14
ddr1_d19
ddr1_d19
0
IO
PD
PD
1.2
vdds_ddr
NA
LVCMOS
DDR
PUx/PDy
AB15
ddr1_d20
ddr1_d20
0
IO
PD
PD
1.2
vdds_ddr
NA
LVCMOS
DDR
PUx/PDy
AC16
ddr1_d21
ddr1_d21
0
IO
PD
PD
1.2
vdds_ddr
NA
LVCMOS
DDR
PUx/PDy
AB17
ddr1_d22
ddr1_d22
0
IO
PD
PD
1.2
vdds_ddr
NA
LVCMOS
DDR
PUx/PDy
AC17
ddr1_d23
ddr1_d23
0
IO
PD
PD
1.2
vdds_ddr
NA
LVCMOS
DDR
PUx/PDy
B17
ddr1_d24
ddr1_d24
0
IO
PD
PD
1.2
vdds_ddr
NA
LVCMOS
DDR
PUx/PDy
A17
ddr1_d25
ddr1_d25
0
IO
PD
PD
1.2
vdds_ddr
NA
LVCMOS
DDR
PUx/PDy
A16
ddr1_d26
ddr1_d26
0
IO
PD
PD
1.2
vdds_ddr
NA
LVCMOS
DDR
PUx/PDy
B15
ddr1_d27
ddr1_d27
0
IO
PD
PD
1.2
vdds_ddr
NA
LVCMOS
DDR
PUx/PDy
B14
ddr1_d28
ddr1_d28
0
IO
PD
PD
1.2
vdds_ddr
NA
LVCMOS
DDR
PUx/PDy
A14
ddr1_d29
ddr1_d29
0
IO
PD
PD
1.2
vdds_ddr
NA
LVCMOS
DDR
PUx/PDy
A13
ddr1_d30
ddr1_d30
0
IO
PD
PD
1.2
vdds_ddr
NA
LVCMOS
DDR
PUx/PDy
B12
ddr1_d31
ddr1_d31
0
IO
PD
PD
1.2
vdds_ddr
NA
LVCMOS
DDR
PUx/PDy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More