| データシートサーチシステム |
|
KBPC25005 データシート(PDF) 2 Page - DIYI Electronic Technology Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
KBPC25005 データシート(HTML) 2 Page - DIYI Electronic Technology Co., Ltd. |
|
2 / 3 page ![]() KBPC25005 THRU KBPC2510 NUMBER OF CYCLES AT 60 Hz 10 e Current 0.02 20 2 0.2 40 30 20 1 10 100 0 350 200 150 100 50 250 300 400 0 50 100 150 0.8 1.2 0.6 0.4 1.0 1.4 1.6 PERCENT OF RATED PEAK REVERSE VOLTAGE TA=25°C 100 10 1 0.1 0 40 60 80 100 120 140 20 Fig. 1 Output Current Derating Curve Fig. 3 Maximum Peak Forward Surg (per leg) T = 25 C Single Half Sine-Wave Pulse Width = 8.3ms (JEDEC Method) A ° V , INSTANTANEOUS FORWARD VOLTAGE (V) Fig.2Typical Forward Characteristics (per leg) F T= 25 C Pulse Width = 300 s A ° µ version:00 Fig. 4 Typical Junction Capacitance 2 of 3 www.dyelec.com T , CASE TEMPERATURE( C) C ° |