| データシートサーチシステム |
|
74V2T66STR データシート(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
74V2T66STR データシート(HTML) 2 Page - STMicroelectronics |
|
2 / 9 page ![]() 74V2T66 2/9 INPUT EQUIVALENT CIRCUIT PIN DESCRIPTION TRUTH TABLE * : High Impedance State ABSOLUTE MAXIMUM RATINGS Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied RECOMMENDED OPERATING CONDITIONS 1) VIN from 0.8V to 2V on control pin PIN No SYMBOL NAME AND FUNCTION 1, 5 1I/O, 2I/O Independent Input/Output 2, 6 1O/I, 2O/I Independent Output/Input 7, 3 1C, 2C Enable Input (Active HIGH) 4 GND Ground (0V) 8 VCC Positive Supply Voltage CONTROL SWITCH FUNCTION HON L OFF * Symbol Parameter Value Unit VCC Supply Voltage -0.5 to +7.0 V VI DC Input Voltage -0.5 to VCC + 0.5 V VIC DC Control Input Voltage -0.5 to +7.0 V VO DC Output Voltage -0.5 to VCC + 0.5 V IIK DC Input Diode Current ± 20 mA IIK DC Control Input Diode Current -20 mA IOK DC Output Diode Current ± 20 mA IO DC Output Current ± 50 mA ICC or IGND DC VCC or Ground Current ± 50 mA Tstg Storage Temperature -65 to +150 °C TL Lead Temperature (10 sec) 300 °C Symbol Parameter Value Unit VCC Supply Voltage 4.5 to 5.5 V VI Input Voltage 0 to VCC V VIC Control Input Voltage 0 to 5.5 V VO Output Voltage 0 to VCC V Top Operating Temperature -55 to 125 °C dt/dv Input Rise and Fall Time (note 1) VCC = 5.0V 0 to 20 ns/V |