| データシートサーチシステム |
|
DS2196L データシート(PDF) 41 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2196L データシート(HTML) 41 Page - Dallas Semiconductor |
|
41 / 157 page ![]() DS2196 41 of 157 CCR2B: COMMON CONTROL REGISTER 2 FRAMER B (Address = D8 Hex) (MSB) (LSB) TFM TB8ZS TSLC96 TZSE RFM RB8ZS RSLC96 RFDL SYMBOL POSITION NAME AND DESCRIPTION TFM CCR2B.7 Transmit Frame Mode Select. 0 = D4 framing mode 1 = ESF framing mode TB8ZS CCR2B.6 Transmit B8ZS Enable. 0 = B8ZS disabled 1 = B8ZS enabled TSLC96 CCR2B.5 Transmit SLC–96 / Fs–Bit Insertion Enable. Only set this bit to a 1 in D4 framing applications. Must be set to 1 to source the Fs pattern. See Section 18 for details. 0 = SLC–96/Fs–bit insertion disabled 1 = SLC–96/Fs–bit insertion enabled TZSE CCR2B.4 Transmit FDL Zero Stuffer Enable. Set this bit to 0 if using the internal HDLC/BOC controller instead of the legacy support for the FDL. See Section 18 for details. 0 = zero stuffer disabled 1 = zero stuffer enabled RFM CCR2B.3 Receive Frame Mode Select. 0 = D4 framing mode 1 = ESF framing mode RB8ZS CCR2B.2 Receive B8ZS Enable. 0 = B8ZS disabled 1 = B8ZS enabled RSLC96 CCR2B.1 Receive SLC–96 Enable. Only set this bit to a 1 in D4/SLC– 96 framing applications. See Section 18 for details. 0 = SLC–96 disabled 1 = SLC–96 enabled RFDL CCR2B.0 Receive FDL Zero Destuffer Enable. Set this bit to 0 if using the internal HDLC/BOC controller instead of the legacy support for the FDL. See Section 18 for details. 0 = zero destuffer disabled 1 = zero destuffer enabled |