データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM84 データシート(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
部品番号 LM84
部品情報  Diode Input Digital Temperature Sensor with Two-Wire Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM84 データシート(HTML) 15 Page - National Semiconductor (TI)

Back Button LM84 Datasheet HTML 8Page - National Semiconductor (TI) LM84 Datasheet HTML 9Page - National Semiconductor (TI) LM84 Datasheet HTML 10Page - National Semiconductor (TI) LM84 Datasheet HTML 11Page - National Semiconductor (TI) LM84 Datasheet HTML 12Page - National Semiconductor (TI) LM84 Datasheet HTML 13Page - National Semiconductor (TI) LM84 Datasheet HTML 14Page - National Semiconductor (TI) LM84 Datasheet HTML 15Page - National Semiconductor (TI) LM84 Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
3.0 Application Hints (Continued)
7.
The ideal place to connect the LM84’s GND pin is as
close as possible to the Processors GND associated
with the sense diode. For the Pentium II this would be
pin A14.
Noise on the digital lines, overshoot greater than V
CC and
undershoot less than GND, may prevent successful SMBus
communication with the LM84. SMBus no acknowledge is
the most common symptom, causing unnecessary traffic on
the bus. Although, the SMBus maximum frequency of com-
munication is rather low (400 kHz max) care still needs to be
taken to ensure proper termination within a system with
multiple parts on the bus and long printed circuit board
traces.
4.0 Typical Applications
DS100961-15
FIGURE 6. Recommended Diode Trace Layout
DS100961-17
Using a Diode Connected 2N3904 as a Remote Temperture Sensing Element
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16