| データシートサーチシステム |
|
BTM441 データシート(PDF) 19 Page - Laird Tech Smart Technology |
|
|
|||||||||||||||||||||||||||||
BTM441 データシート(HTML) 19 Page - Laird Tech Smart Technology |
|
19 / 28 page ![]() BTM44x Datasheet Embedded Wireless Solutions Support Center: http://ews-support.lairdtech.com www.lairdtech.com/wireless 19 © Copyright 2015 Laird. All Rights Reserved Americas: +1-800-492-2320 Europe: +44-1628-858-940 Hong Kong: +852 2923 0610 4.1.3 FCC Labeling requirement 4.1.3.1 BTM440 / BTM442 If the FCC ID is not visible when the module is installed inside another device, then the outside of the device into which the module is installed must also display a label referring to the enclosed module. This exterior label can use wording such as the following: “Contains Transmitter Module FCC ID: PI4410B” or “Contains FCC ID: PI4410B”. Any similar wording that expresses the same meaning may be used. 4.1.3.2 BTM441 / BTM443 If the FCC ID is not visible when the module is installed inside another device, then the outside of the device into which the module is installed must also display a label referring to the enclosed module. This exterior label can use wording such as the following: “Contains Transmitter Module FCC ID: PI4411B” or “Contains FCC ID: PI4411B.” Any similar wording that expresses the same meaning may be used. |