データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ICS952601 データシート(PDF) 19 Page - Integrated Circuit Systems

部品番号 ICS952601
部品情報  Programmable Timing Control Hub??for Next Gen P4??processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ICST [Integrated Circuit Systems]
ホームページ  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952601 データシート(HTML) 19 Page - Integrated Circuit Systems

Back Button ICS952601 Datasheet HTML 15Page - Integrated Circuit Systems ICS952601 Datasheet HTML 16Page - Integrated Circuit Systems ICS952601 Datasheet HTML 17Page - Integrated Circuit Systems ICS952601 Datasheet HTML 18Page - Integrated Circuit Systems ICS952601 Datasheet HTML 19Page - Integrated Circuit Systems ICS952601 Datasheet HTML 20Page - Integrated Circuit Systems ICS952601 Datasheet HTML 21Page - Integrated Circuit Systems ICS952601 Datasheet HTML 22Page - Integrated Circuit Systems ICS952601 Datasheet HTML 23Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
19
Integrated
Circuit
Systems, Inc.
ICS952601
0701G—10/13/04
The following diagrams illustrate CPU clock timing during CPU_Stop# and PwrDwn# modes with CPU_PwrDwn and
CPU_Stop tristate control bits set to driven or tristate in byte 2 of the control register.
CPU_Stop = Driven, CPU_Pwrdwn = Driven
CPU_Stop#
1.8mS
PD#
CPU (Free Running)
CPU# (Free Running)
CPU (Stoppable)
CPU# (Stoppable)
Notes:
1. When both bits (CPU_Stop & CPU_Pwrdown tristate bits) are low, the clock chip will never tristate CPU output clocks
(assuming clock's OE bit is set to "1")
CPU Clock Tristate Timing
CPU_Stop = Tristate, CPU_Pwrdwn = Driven
CPU_Stop#
1.8mS
PD#
CPU (Free Running)
CPU# (Free Running)
CPU (Stoppable)
CPU# (Stoppable)
Notes:
1. Tristate outputs are pulled low by output termination resistors as shown here.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24