データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RS6-0505D データシート(PDF) 2 Page - Recom International Power

部品番号 RS6-0505D
部品情報  Highest Power Density In SIP Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RECOM [Recom International Power]
ホームページ  http://www.recom-international.com
Logo RECOM - Recom International Power

RS6-0505D データシート(HTML) 2 Page - Recom International Power

  RS6-0505D Datasheet HTML 1Page - Recom International Power RS6-0505D Datasheet HTML 2Page - Recom International Power RS6-0505D Datasheet HTML 3Page - Recom International Power RS6-0505D Datasheet HTML 4Page - Recom International Power RS6-0505D Datasheet HTML 5Page - Recom International Power RS6-0505D Datasheet HTML 6Page - Recom International Power RS6-0505D Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DC/DC Converter
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Input Filter
capacitor
Input Voltage Range
nom. Vin=
5VDC
12VDC
24VDC
48VDC
4.5VDC
9VDC
18VDC
36VDC
5VDC
12VDC
24VDC
48VDC
9VDC
18VDC
36VDC
75VDC
Input Surge Voltage
1 second max.
nom. Vin=
5VDC
12VDC
24VDC
48VDC
15VDC
25VDC
50VDC
100VDC
Quiescent Current
nom. Vin=
5VDC
2VDC
24VDC
48VDC
105mA
55mA
28mA
14mA
Output Voltage Trimming
see calculation on next page
Trim up
Trim down
+10%
-8%
Start-up time
2ms
Under Voltage Lockout
nom. Vin= 5V
DC-DC ON
DC-DC OFF
4.5VDC
2.7VDC
nom. Vin= 12V
DC-DC ON
DC-DC OFF
9VDC
7VDC
nom. Vin= 24V
DC-DC ON
DC-DC OFF
18VDC
15VDC
nom. Vin= 48V
DC-DC ON
DC-DC OFF
36VDC
30VDC
ON/OFF CTRL
DC-DC ON
DC-DC OFF
Open
5V<Vr<10VDC
Internal Operating Frequency
0-100% load
200kHz
Minimum Load
0%
Output Ripple and Noise (3)
20MHz BW
50mVp-p
75mVp-p
continued on next page
ECO-2
REV.: 2/2017
www.recom-power.com
RS6
Series
Specifications (measured @ ta= 25°C, nominal input voltage, full load and after warm up unless otherwise specified)
Efficiency vs. Load
RS6-1205S
RS6-2405S
Notes:
Note3: Measurements are made with a 1.0µF MLCC across output (low ESR).
9Vin
12Vin
15Vin
18Vin
18Vin
24Vin
30Vin
36Vin
Output Load [A]
0
0
20
40
60
80
100
0.2
0.6
0.4
0.8
1.0
1.2
Output Load [A]
0
0
20
40
60
80
100
0.2
0.4
0.6
0.8
1.0
1.2



Html Pages

1 2 3 4 5 6 7