| データシートサーチシステム |
|
BTM420 データシート(PDF) 19 Page - Laird Tech Smart Technology |
|
|
|||||||||||||||||||||||||||||
BTM420 データシート(HTML) 19 Page - Laird Tech Smart Technology |
|
19 / 21 page ![]() BTM420/421 Bluetooth ® Data Module Hardware Integration Guide Embedded Wireless Solutions Support Center: http://ews-support.lairdtech.com www.lairdtech.com/bluetooth 19 Laird Americas: +1-800-492-2320 Europe: +44-1628-858-940 Hong Kong: +852-2268-6567 x026 6 BLUETOOTH SIG APPROVALS 6.1 Application Note: Subsystem Combinations This application note covers the procedure for generating a new Declaration ID for a Subsystem combination on the Bluetooth SIG website. In the instance of subsystems, a member can combine two or more subsystems to create a complete Bluetooth End Product solution. Subsystem listings referenced as an example: Design Name Owner Declaration ID Link to listing on the SIG website BT800 Laird B016072 https://www.bluetooth.org/tpg/QLI_viewQDL.cfm?qid=16072 Windows 8 (Host Subsystem) Microsoft Corporation B012854 https://www.bluetooth.org/tpg/QLI_viewQDL.cfm?qid=12854 6.1.1 Laird Customer Declaration ID Procedure This procedure assumes that the member is simply combining two subsystems to create a new design, without any modification to the existing, qualified subsystems. This is achieved by using the Listing interface on the Bluetooth SIG website. Figure 1 shows the basic subsystem combination of a controller and host subsystem. The Controller provides the RF/BB/LM and HCI layers, with the Host providing L2CAP, SDP, GAP, RFCOMM/SPP and any other specific protocols and profiles existing in the Host subsystem listing. The design may also include a Profile Subsystem. Figure 1: Basic subsystem combination of a controller and host subsystem The Qualification Process requires each company to registered as a member of the Bluetooth SIG – http://www.bluetooth.org The following link provides a link to the Bluetooth Registration page: https://www.bluetooth.org/login/register/ For each Bluetooth Design it is necessary to purchase a Declaration ID. This can be done before starting the new qualification, either through invoicing or credit card payment. The fees for the Declaration ID will depend on your membership status, please refer to the following webpage: https://www.bluetooth.org/en-us/test-qualification/qualification-overview/fees For a detailed procedure of how to obtain a new Declaration ID for your design, please refer to the following SIG document: https://www.bluetooth.org/DocMan/handlers/DownloadDoc.ashx?doc_id=283698&vId=317486 To start the listing, go to: https://www.bluetooth.org/tpg/QLI_SDoc.cfm. |