データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM9072 データシート(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM9072
部品情報  Dual Tracking Low-Dropout System Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9072 データシート(HTML) 10 Page - National Semiconductor (TI)

Back Button LM9072 Datasheet HTML 6Page - National Semiconductor (TI) LM9072 Datasheet HTML 7Page - National Semiconductor (TI) LM9072 Datasheet HTML 8Page - National Semiconductor (TI) LM9072 Datasheet HTML 9Page - National Semiconductor (TI) LM9072 Datasheet HTML 10Page - National Semiconductor (TI) LM9072 Datasheet HTML 11Page - National Semiconductor (TI) LM9072 Datasheet HTML 12Page - National Semiconductor (TI) LM9072 Datasheet HTML 13Page - National Semiconductor (TI) LM9072 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Application Information (Continued)
Safety Latch-OFF
To address a system FMEA (Failure Mode Effects Analysis)
issue the Keep-Alive high level should be derived from the
Tracking output regulator as shown in
Figure 6. The issue
stems from the “what-if” scenario whereby the system is in
the Keep-Alive state and there is a short to ground on the
Tracking Output regulator. If this output is powering remote
sensors or systems, this becomes a more highly possible
fault condition. Since a short on the Tracking output does not
affect the Main output, which, if used to provide the
Keep-Alive input signal, would remain ON and draw 120 mA,
the short circuit current of the Tracking regulator, from the in-
put supply.
Using the Tracking output supply for Keep-Alive would pre-
vent Keep-Alive operation during a short to ground fault and
the excessive drain on the input supply. The inversion by the
transistor will require a low level from the controller to allow
Keep-Alive operation. The 24 k
Ω pull-up resistor provides
current limiting in the event of a Tracking output short to the
unregulated/battery input supply.
DS012906-21
FIGURE 5. Simple Logic Configuration to Provide ON/OFF Sensing
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15