| データシートサーチシステム |
|
KA7552A.. データシート(PDF) 2 Page - Fairchild Semiconductor |
|
|
|||||||||||||||||||||||||||||
KA7552A.. データシート(HTML) 2 Page - Fairchild Semiconductor |
|
2 / 6 page ![]() KA7552A/KA7553A 2 Absolute Maximum Ratings Electrical Characteristics (VCC = 18V, FOSC = 135kHz, TA = 25°C, unless otherwise specified) Parameter Symbol Value Unit Supply voltage VCC 30 V Output current IO ±1.5 A Input voltage at overcurrent detection pin VIN(IS) -0.3 to 4 V Input voltage at FB pin VIN(FB) 4V Input current at CS pin IIN(CS) 2mA Total power dissipation (Ta = 25 °C) PD 800 mW Operating temperature TOPR -25 to 85 °C Storage temperature range TSTG -65 to 150 °C Junction temperature Tj +125 °C Parameter Symbol Conditions Min. Typ. Max. Unit OSCILLATOR SECTION Initial accuracy FOSC CT = 360pF, TJ = 25°C 125 135 145 kHz Frequency variation 1 ∆F/∆VVCC = 10V to 30V - ±1 ±3% Frequency variation 2(Note1) ∆F/∆VTA = 25°C to 85°C- ±1.5 - % Ramp high voltage VRH CT = 360pF, TJ = 25°C 2.80 3.08 3.30 V Ramp low voltage VRL CT = 360pF, TJ = 25°C 0.6 0.9 1.2 V Amplitude VOSC VPIN7, peak to peak 1.80 2.18 2.50 V PULSE WIDTH MODULATION SECTION Input threshold voltage(pin2) VTH(FBD) Duty cycle = 0% 0.6 0.75 0.95 V Input threshold voltage(pin2)(Note1) VTH(FB1) (KA7552) Duty cycle = Dmax 1 2.1 2.3 2.6 V VTH(FB2) (KA7553) Duty cycle = Dmax 2 1.6 1.8 2.1 V Max. duty cycle D(Max1) (KA7552) - 66 70 74 % D(Max2) (KA7553) - 43 46 49 % Source current(pin2) ISOURCE(FB) VPIN2 = 0V -660 -800 -960 uA OVERCURRENT LIMIT SECTION Input threshold voltage VTH(IS) - 0.21 0.24 0.27 V Source current(pin3) ISOURCE(IS) VPIN3 = 0V -300 -200 -100 uA Deley time(Note1) TD - - 150 - ns SOFT START SECTION Charging current ICHG VPIN8 = 0V -15 -10 -5 uA Input threshold voltage(pin8) VTH(CSO) - 0.7 0.9 1.1 V Input threshold voltage(pin8)(Note1) VTH(CS1) (KA7552) Duty cycle = Dmax 1 2.2 2.4 2.6 V VTH(CS2) (KA7553) Duty cycle = Dmax 2 1.7 1.9 2.1 V LATCH MODE SHUTDOWN CIRCUIT SECTION Sink current(pin8) ISINK(CS) VPIN8 = 6V, VPIN2 = 1V 25 45 65 uA Shutdown threshold voltage VTH(SD,CS) - 6.7 7.2 7.7 V OVERLOAD SHUTDOWN SECTION Shutdown threshold voltage VTH(SD,FB) - 2.6 2.8 3.1 V |