| データシートサーチシステム |
|
WS3130 データシート(PDF) 2 Page - Shenzhen Winsemi Microelectronics Co., Ltd |
|
|
|||||||||||||||||||||||||||||
WS3130 データシート(HTML) 2 Page - Shenzhen Winsemi Microelectronics Co., Ltd |
|
2 / 8 page ![]() www.winsemi.com Tel : +86-755-8250 6288 Fax : +86-755-8250 6299 2/8 WS3130 Product Description WINSEMI MICROELECTRONICS WINSEMI MICROELECTRONICS WINSEMI MICROELECTRONICS WINSEMI MICROELECTRONICS WINSEMI MICROELECTRONICS Typical Application Circuit Pin Definition and Device Marking WS3130 is offered in SOP-8 packages,as shown below: Pin Function Description Pin Name Pin No. DIP8/SOP8 Pin Type Function Description COMP 1 I Loop compensation for constant current regulation.Output of the OTA.The RC work is placed between it and GND. FB 2 I/O Detect output diode zero current to regulate output current.connect to a resistor divider for sensing the reflected voltage from auxiliarywinding CS 3 I Current sense pin, a resistor connects to sense the MOSFET current. GND 4 POWER Power Ground DRV 5 O Totem-pole output to drive the external power MOSFET Maximum Voltage is internally clamped to 18V. VDD 6 POWER Power supply NC 7/8 / NO connect WS3130S8P A:Product Code X:Internal Code BCY:Internal Code For QC YMX:D/C |