データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ICS-40720 データシート(PDF) 13 Page - List of Unclassifed Manufacturers

部品番号 ICS-40720
部品情報  Ultra?륧ow Noise Microphone with Differential Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

ICS-40720 データシート(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button ICS-40720 Datasheet HTML 8Page - List of Unclassifed Manufacturers ICS-40720 Datasheet HTML 9Page - List of Unclassifed Manufacturers ICS-40720 Datasheet HTML 10Page - List of Unclassifed Manufacturers ICS-40720 Datasheet HTML 11Page - List of Unclassifed Manufacturers ICS-40720 Datasheet HTML 12Page - List of Unclassifed Manufacturers ICS-40720 Datasheet HTML 13Page - List of Unclassifed Manufacturers ICS-40720 Datasheet HTML 14Page - List of Unclassifed Manufacturers ICS-40720 Datasheet HTML 15Page - List of Unclassifed Manufacturers ICS-40720 Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
 
 
  ICS‐40720 
Page 13 of 16
 
Document Number: DS‐000045  
Revision: 1.3 
 
HANDLING INSTRUCTIONS  
PICK AND PLACE EQUIPMENT 
The MEMS microphone can be handled using standard pick‐and‐place and chip shooting equipment. Take care to avoid damage to the 
MEMS microphone structure as follows: 
Use a standard pickup tool to handle the microphone. Because the microphone hole is on the bottom of the package, the 
pickup tool can make contact with any part of the lid surface. 
Do not pick up the microphone with a vacuum tool that makes contact with the bottom side of the microphone.  
Do not pull air out of or blow air into the microphone port. 
Do not use excessive force to place the microphone on the PCB. 
 
REFLOW SOLDER 
For best results, the soldering profile must be in accordance with the recommendations of the manufacturer of the solder paste used to 
attach the MEMS microphone to the PCB. It is recommended that the solder reflow profile not exceed the limit conditions specified 
in Figure 1 and Table 3. 
 
BOARD WASH 
When washing the PCB, ensure that water does not make contact with the microphone port. Do not use blow‐off procedures or 
ultrasonic cleaning. 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16