| データシートサーチシステム |
|
LM9822 データシート(PDF) 9 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM9822 データシート(HTML) 9 Page - National Semiconductor (TI) |
|
9 / 22 page ![]() 9 www.national.com Timing Diagrams OSR, Diagram 1: Divide by 6 Color Mode Sample and Data Output Timing VSMP OSG, OSB D7 -D0 Sample Signal Sample Reference MCLK Level Level GH GL BL BH RH RL GH GL BH BL H = d13-d6 L = d5-d0 ADC Clock (internal) N+1 N N N-1 RH N-4 N-5 N-5 N-4 N-4 DOE (Register 0, Bit 4) = 0 Diagram 2: Divide by 6 Monochrome Mode Sample and Data Output Timing (Green Input shown) VSMP OSG D7 -D0 Sample Signal Sample Reference MCLK Level Level XX XX XX XX GH GL XX XX XX XX H = d13-d6 L = d5-d0 ADC Clock (internal) N N-1 N+1 N GH N-4 DOE (Register 0, Bit 4) = 0 OSR, Diagram 3: Divide by 8 Color Mode Sample and Data Output Timing VSMP OSG, OSB D7 -D0 Sample Signal Sample Reference MCLK Level Level RH RL GL GH BH BL XX XX RH RL XX H = d13-d6 L = d5-d0 ADC Clock (internal) N-1 N N N+1 GH N-4 N-4 N-4 N-3 DOE (Register 0, Bit 4) = 0 |