データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

YA9W-11 データシート(PDF) 2 Page - Laird Tech Smart Technology

部品番号 YA9W-11
部品情報  High gain directional antenna
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LSTD [Laird Tech Smart Technology]
ホームページ  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

YA9W-11 データシート(HTML) 2 Page - Laird Tech Smart Technology

  YA9W-11 Datasheet HTML 1Page - Laird Tech Smart Technology YA9W-11 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ANTENNA PATTERNS
YA9W-11 at 960 MHz
YA9W-13 at 960 MHz
Yagi NLOS Antenna
YA9W-11 YA9W-13
SYSTEM ORDERING
YA9W-11
11 dB NLOS series 900 MHz Yagi antenna with N female connector
YA9W-13
13 dB NLOS series 900 MHz Yagi antenna with N female connector
NOTES
• All shipments F.O.B. Schaumburg, IL 60173
ANT-DS-YA9W 0915
Any information furnished by Laird Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use and
application of Laird materials rests with the end user, since Laird and its agents cannot be aware of all potential uses. Laird makes no warranties as to the fitness, merchantability or
suitability of any Laird materials or products for any specific or general uses. Laird shall not be liable for incidental or consequential damages of any kind. All Laird products are sold
pursuant to the Laird Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2015 Laird Inc. All Rights Reserved. Laird,
Laird Technologies, the Laird Logo, and other marks are trade marks or registered trade marks of Laird Inc. or an affiliate company thereof. Other product or service names may be
the property of third parties. Nothing herein provides a license under any Laird or any third party intellectual property rights.



Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com