| データシートサーチシステム |
|
PI3C3306LE データシート(PDF) 6 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI3C3306LE データシート(HTML) 6 Page - Pericom Semiconductor Corporation |
|
6 / 6 page ![]() 6 PS8417E 09/07/04 PI3C3305/PI3C3306 2.5V/3.3V, High Bandwidth, Hot Insertion, 2-Bit, 2-Port Bus Switch with Individual Enables Pericom Semiconductor Corporation • 1-800-435-2336 • www.pericom.com Notes: 1. Thermal characteristics can be found on the company web site at www.pericom.com/packaging/ Ordering Information Ordering Code Package Code Description PI3C3305L L 8-pin 173-mil wide plastic TSSOP PI3C3305U U 8-pin 118-mil wide plastic MSOP PI3C3305UE U Pb-free & Green 8-pin 118-mil wide plastic MSOP PI3C3306L L 8-pin 173-mil wide plastic TSSOP PI3C3306LE L Pb-free & Green 8-pin 173-mil wide plastic TSSOP PI3C3306U U 8-pin 118-mil wide plastic MSOP |