データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMC568CM データシート(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LMC568CM
部品情報  Low Power Phase-Locked Loop
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC568CM データシート(HTML) 2 Page - National Semiconductor (TI)

  LMC568CM Datasheet HTML 1Page - National Semiconductor (TI) LMC568CM Datasheet HTML 2Page - National Semiconductor (TI) LMC568CM Datasheet HTML 3Page - National Semiconductor (TI) LMC568CM Datasheet HTML 4Page - National Semiconductor (TI) LMC568CM Datasheet HTML 5Page - National Semiconductor (TI) LMC568CM Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Input Voltage, Pin 3
2 V
p–p
Supply Voltage, Pin 4
10V
Output Voltage, Pin 8
13V
Voltage at All Other Pins
V
s to Gnd
Output Current, Pin 8
30 mA
Package Dissipation
500 mW
Operating Temperature Range (T
A)
−25˚C to +125˚C
Storage Temperature Range
−55˚C to +150˚C
Soldering Information
Dual-In-Line Package
Soldering (10 seconds)
260˚C
Small Outline Package
Vapor Phase (60 seconds)
215˚C
Infrared (15 seconds)
220˚C
See AN-450 “Surface Mounting Methods and their Effect
on Product Reliability” for other methods of soldering
surface mount devices.
Note 1: “Absolute Maximum Ratings” indicate limits beyond which damage
to the device may occur. Operating Ratings indicate conditions for which the
device is functional, but do not guarantee specific performance limits.
Electrical Characteristics
Test Circuit, T
A= 25˚C, VS= 5V, RtCt #2, Sw. 1 Pos. 0; and no input unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
I4
Power Supply Current
RtCt # 1, Quiescent or Activated
V
S = 2V
0.35
mAdc
V
S = 5V
0.75
1.5
V
S = 9V
1.2
2.4
V3
Input D.C. Bias
0
mVdc
R3
Input Resistance
40
k
Ω
I8
Output Leakage
1
100
nAdc
f
0
Center Frequency F
osc
÷ 2
RtCt #2, Measure Oscillator
Frequency and Divide by 2
V
S =2V
98
kHz
V
S = 5V
90
103
115
V
S = 9V
105
∆f
0
Center Frequency Shift
with Supply
1.0
2.0
%/V
V
in
Input Threshold
Set Input Frequency Equal to f
0
Measured Above, Increase Input
Level until Pin 8 Goes Low.
V
S = 2V
8
16
25
mVrms
V
S =5V
15
26
42
V
S =9V
45
∆V
in
Input Hysteresis
Starting at Input Threshold, Decrease Input Level
until Pin 8 Goes High
1.5
mVrms
V8
Output
″Sat″ Voltage
Input Level > Threshold Choose RL
for Specified I8
I8=2mA
0.06
0.15
Vdc
I8=20mA
0.7
L.D.B.W. Largest Detection
Bandwidth
Measure F
osc with Sw. 1 in Pos. 0, 1,
and 2;
V
S =2V
30
%
V
S =5V
40
55
V
S =9V
60
∆BW
Bandwidth Skew
1
±5
%
V
out
Recovered Audio
Typical Application Circuit
Input = 100 mVrms, F = 100 kHz
F
mod = 400 Hz, ± 10 kHz Dev.
V
S = 2V
170
mVrms
V
S = 5V
270
V
S = 9V
400
THD
Total Harmonic
Distortion
Typical Application Circuit as Above, Measure V
out
Distortion.
0.5
%
Signal to Noise Ratio
Typical Application Circuit
Remove Modulation, Measure V
n
(S + N)/N = 20 log (V
out/Vn).
65
dB
f
max
Highest Center Freq.
RtCt #3, Measure Oscillator Frequency and Divide by
2
700
kHz
www.national.com
2



Html Pages

1 2 3 4 5 6