| データシートサーチシステム |
|
CS7410 データシート(PDF) 29 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS7410 データシート(HTML) 29 Page - Cirrus Logic |
|
29 / 39 page ![]() CS7410 DS553PP1 29 68 SER2_CS B4 I Serial2 Chip Select B GPIO[10] B 69 SER3_CLK B4 I Serial3 Clock O GPIO[11] B 70 SER3_DO B4 I Serial3 Data Out O GPIO[12] B 71 CORE_1V8 Pwr Core Power 72 SER3_DI B4 I Serial3 Data In I GPIO[13] B 73 CORE_GND Gnd Core Ground 74 SER3_SS0 B4 I Serial3 Chip Select0 O GPIO[14] B 75 IO_3V3 Pwr I/O Power 76 SER3_SS1 B4 I Serial3 Chip Select1 O GPIO[15] B 77 SERVOCK B4 I Servo Clock In I GPIO[17] B 78 PCM_XCK B4 I PCM_XCK B 79 PCM_MUTE B4 I PCM_MUTE O GPO[4] O 1 80 CD_C2P0 B4 I CD_C2P0 I GPIO[16] B 81 CD_BCLK IS I CD_BCLK I 82 CD_LRCK I I CD_LRCK I 83 CD_DATA I I CD_DATA I 84 DAC_LP O4 O ∆Σ DAC Left Positive Out O GPO[5] O 85 DAC_LN O4 O ∆Σ DAC Left Negative Out O GPO[6] O 86 IO_GND Gnd I/O Ground 87 DAC_RP O4 O ∆Σ DAC Right Positive Out O GPO[7] O 88 DAC_3V3 Pwr ∆Σ DAC I/O Power 89 DAC_RP O4 O ∆Σ DAC Right Negative Out O GPO[8] O 90 RST_N IS I Reset_L I 91 TEST I I Manufacturing Test I 92 PCM_BCK B4 O PCM_BCK O GPO[0] O 1 93 PCM_LRCK B4 O PCM_LRCK O GPO[1] O 1 94 PCM_DO_0 B4 O PCM_Dout[0] O GPO[2] O 2 95 PCM_DO_1 B4 O PCM_Dout[1] O GPO[3] O 1 96 IEC958_O B4 I IEC-958 Out O GPIO[18] B 97 GPIO_0 B4 I GPIO[0] B Pin Name Type Reset Function #1 Dir Function #2 Dir Note Table 7. Pin Assignments (Continued) |