| データシートサーチシステム |
|
PI6CV304W データシート(PDF) 4 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI6CV304W データシート(HTML) 4 Page - Pericom Semiconductor Corporation |
|
4 / 8 page ![]() 12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012 12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012 PI6CV304 / PI6CV2304 160 MHz Clock Buffers 4 PS8537D 09/14/043 PI6CV2304 DC Characteristics Over Operating Conditions l o b m y Sr e t e m a r a Ps n o i t i d n o C. n i M. p y T. x a Ms t i n U V L I e g a tl o V t u p n I w o L 8 . 0 V V H I e g a tl o V t u p n I h g i H0 . 2 I L I t n e r r u C t u p n I w o LV N I V 0 =0 5 – µA I H I t n e r r u C t u p n I h g i HV N I V = C C 0 0 2 V L O e g a tl o V t u p t u O w o LV C C I , V 0 . 3 = L O A m 8 =4 . 0 V V H O e g a tl o V t u p t u O h g i HV C C I , V 0 . 3 = H O A m 8 - =4 . 2 I D D t n e r r u C y l p p u S CL z H M 3 3 / F p 3 3 =0 2 A m CL z H M 6 6 / F p 3 3 =1 4 CL z H M 0 8 / F p 2 2 =5 3 CL z H M 0 0 1 / F p 5 1 =4 3 CL z H M 5 2 1 / F p 0 1 =1 3 CO e c n a ti c a p a C t u p t u O 7 F p CI e c n a ti c a p a C t u p n I 5 ZO e c n a d e p m I t u p t u O 0 3 Ω Le c n a t c u d n I n i P 7H n PI6CV2304ACCharacteristics(TA=–40~85°C,VCC=3.3V±0.3V,33pF/66MHzand10pF/133MHz) l o b m y Sr e t e m a r a Ps n o i t i d n o C. n i M. p y T. x a Ms t i n U f N I y c n e u q e r f t u p n I 03 3 1z H M t H L P y a l e d n o it a g a p o r p h g i h - o t - w o LV 5 . 1 @ s e g d e g n i s i r ] 3 - 0 [ Y o t N I _ K L C0 . 10 . 3 s n t L H P y a l e d n o it a g a p o r p w o l - o t - h g i HV 5 . 1 @ s e g d e g n il l a f ] 3 - 0 [ Y o t N I _ K L C0 . 10 . 3 t ) O ( K S w e k s t u p t u OV 5 . 1 @0 5 1 s p t ) P ( K S w e k s e s l u PV 5 . 1 @0 0 3 t ) T ( K S w e k s e g a k c a P ) 1 ( V 5 . 1 @0 0 5 tR t,F e m it ll a F , e s i RV 0 . 2 ~ V 8 . 05 3 . 1 s n t L Z P t, H Z P e m it e l b a n e t u p t u O 5 t Z L P t, Z H P e m it e l b a s i d t u p t u O 0 1 t C D e l c y c y t u d t u p t u O t C D t = H t/ Y C t , H , h t d i W e s l u P h g i H = t Y C V 5 . 1 @ , e m i T e l c y C t u p t u O = 5 45 5% Note: 1. Identical traces, loads, power supply. |