| データシートサーチシステム |
|
PI74FCT2244ATQ データシート(PDF) 2 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI74FCT2244ATQ データシート(HTML) 2 Page - Pericom Semiconductor Corporation |
|
2 / 7 page ![]() 2 PS2011D 09/22/04 PI74FCT244T/2244T PI74FCT541T/2541T Octal Buffer/Line Drivers Product Pin Description Pin Name Description OEA, OEB 3-State Output Enable Inputs (Active LOW) OEB(1) 3-State Output Enable Input (Active HIGH) Dxx Inputs Oxx Outputs GND Ground VCC Power Truth Table Inputs(1) Outputs(1) OEA OEB OEB(2) D 244 541 L L H L L L L L H H H H H H L X Z Z Note: 1. H = High Voltage Level, X = Don't Care, L = Low Voltage Level, Z = High Impedance 2. OEB for 241 only. PI74FCT540/541/2541T Pin Configuration PI74FCT241/2241/244/2244T Pin Configuration 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 OEA DA0 OB0 DA1 OB1 DA2 OB2 DA3 OB3 GND Vcc OEB OA0 DB0 OA1 DB1 OA2 DB2 OA3 DB3 20-Pin H20 L20 P20 Q20 R20 S20 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 OEA D0 D1 D2 D3 D4 D5 D6 D7 GND Vcc OEB O0* O1* O2* O3* O4* O5* O6* O7* 20-Pin H20 L20 P20 Q20 R20 S20 |