| データシートサーチシステム |
|
PI74FCT2244CTL データシート(PDF) 4 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI74FCT2244CTL データシート(HTML) 4 Page - Pericom Semiconductor Corporation |
|
4 / 7 page ![]() 4 PS2011D 09/22/04 PI74FCT244T/2244T PI74FCT541T/2541T Octal Buffer/Line Drivers Power Supply Characteristics Parameters Description Test Conditions(1) Min. Typ(2) Max. Units ICC Quiescent Power Supply Current VCC = Max. VIN = GND or VCC 0.1 500 µA ΔICC Supply Current per Input @ TTL HIGH VCC = Max. VIN = 3.4V(3) 0.5 2.5 mA ICCD Supply Current per Input per MHz(4) VCC = Max., Outputs Open OEA = OEB = GND or OEA = GND, OEB = VCC One Bit Toggling 50% Duty Cycle VIN = VCC VIN = GND 0.15 0.25 mA/ MHz IC Total Power Supply Current(6) VCC = Max., Outputs Open fI = 10 MHZ 50% Duty Cycle OEA = OEB = GND or OEA = GND, OEB = VCC One Bit Toggling VIN = VCC VIN = GND 1.5 3.5(5) mA VIN = 3.4V VIN = GND 1.8 4.5(5) VCC = Max., Outputs Open fI = 2.5 MHZ 50% Duty Cycle OEA = OEB = GND or OEA = GND, OEB = VCC Eight Bits Toggling VIN = VCC VIN = GND 3.0 6.0(5) VIN = 3.4V VIN = GND 5.0 14.0(5) Notes: 1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device. 2. Typical values are at Vcc = 5.0V, +25°C ambient. 3. Per TTL driven input (VIN = 3.4V); all other inputs at Vcc or GND. 4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations. 5. Values for these conditions are examples of the Icc formula. These limits are guaranteed but not tested. 6. IC = IQUIESCENT + IINPUTS + IDYNAMIC IC = ICC + ΔICC DHNT + ICCD (fCP/2 + fINI) ICC = Quiescent Current ΔICC = Power Supply Current for a TTL High Input (VIN = 3.4V) DH = Duty Cycle for TTL Inputs High NT = Number of TTL Inputs at DH ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL) fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices) fI = Input Frequency NI = Number of Inputs at fI All currents are in milliamps and all frequencies are in megahertz. |