データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IR2136 データシート(PDF) 21 Page - International Rectifier

部品番号 IR2136
部品情報  3-PHASE BRIDGE DRIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IR2136 データシート(HTML) 21 Page - International Rectifier

Back Button IR2136 Datasheet HTML 17Page - International Rectifier IR2136 Datasheet HTML 18Page - International Rectifier IR2136 Datasheet HTML 19Page - International Rectifier IR2136 Datasheet HTML 20Page - International Rectifier IR2136 Datasheet HTML 21Page - International Rectifier IR2136 Datasheet HTML 22Page - International Rectifier IR2136 Datasheet HTML 23Page - International Rectifier IR2136 Datasheet HTML 24Page - International Rectifier IR2136 Datasheet HTML 25Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
www.irf.com
21
IR2136(2)(3)(5)(6)(7)(8)(J&S) &(PbF)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
10
12
14
16
18
20
Supply Voltage (V)
Figure 19B. Low Level Output vs. Supply Voltage
Typ.
Max.
8
9
10
11
12
13
-50
-25
0
255075
100
125
Temperature (
oC)
Typ.
Max.
Figure 22. VCC or VBS Undervoltage (+) vs.
Temperature (IR21362 Only)
Mi
n.
7
8
9
10
11
12
-50
-25
0
25
50
75
100
125
Temperature (oC)
Typ.
Max.
Figure 20. V
CC or VBS Undervoltage (+)
vs. Temperature (IR2136/IR21368 Only)
Min.
6
7
8
9
10
11
-50-25
0
25
50
75100
125
Temperature (oC)
Typ.
Max.
Figure 21. VCC or VBS Undervoltage (-)
vs. Temperature (IR2136/IR21368 Only)
Min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36