データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLE4271-2 データシート(PDF) 21 Page - Infineon Technologies AG

部品番号 TLE4271-2
部品情報  5-V Low-Drop Fixed Voltage Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4271-2 データシート(HTML) 21 Page - Infineon Technologies AG

Back Button TLE4271-2 Datasheet HTML 15Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 16Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 17Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 18Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 19Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 20Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 21Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 22Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 23Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
TLE 4271-2
Data Sheet Rev. 2.4
21
2001-04-04
A
8˚ max.
B
A
0.25 M
0.1
Typical
±0.2
10
8.5 1)
0...0.15
7x0.6±0.1
±0.1
1.27
4.4
B
0.5 ±0.1
0.05
1)
0.1
Metal surface min. X=7.25, Y=6.9
2.4
1.27
All metal surfaces tin plated, except area of cut.
0...0.3
B
6x
P-TO263-7-1
(Plastic Transistor Single Outline Package)
Sorts of Packing
Package outlines for tubes, trays etc. are contained in
our Data Book “Package Information”.
Dimensions in mm
SMD = Surface Mounted Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23