| データシートサーチシステム |
|
TLE4271-2S データシート(PDF) 21 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4271-2S データシート(HTML) 21 Page - Infineon Technologies AG |
|
21 / 23 page ![]() TLE 4271-2 Data Sheet Rev. 2.4 21 2001-04-04 A 8˚ max. B A 0.25 M 0.1 Typical ±0.2 10 8.5 1) 0...0.15 7x0.6±0.1 ±0.1 1.27 4.4 B 0.5 ±0.1 0.05 1) 0.1 Metal surface min. X=7.25, Y=6.9 2.4 1.27 All metal surfaces tin plated, except area of cut. 0...0.3 B 6x P-TO263-7-1 (Plastic Transistor Single Outline Package) Sorts of Packing Package outlines for tubes, trays etc. are contained in our Data Book “Package Information”. Dimensions in mm SMD = Surface Mounted Device |