データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMC7101 データシート(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
部品番号 LMC7101
部品情報  Tiny Low Power Operational Amplifier with Rail-To-Rail Input and Output
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC7101 データシート(HTML) 17 Page - National Semiconductor (TI)

Back Button LMC7101 Datasheet HTML 10Page - National Semiconductor (TI) LMC7101 Datasheet HTML 11Page - National Semiconductor (TI) LMC7101 Datasheet HTML 12Page - National Semiconductor (TI) LMC7101 Datasheet HTML 13Page - National Semiconductor (TI) LMC7101 Datasheet HTML 14Page - National Semiconductor (TI) LMC7101 Datasheet HTML 15Page - National Semiconductor (TI) LMC7101 Datasheet HTML 16Page - National Semiconductor (TI) LMC7101 Datasheet HTML 17Page - National Semiconductor (TI) LMC7101 Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
SOT-23-5 Tape and Reel Specification (Continued)
REEL DIMENSIONS
8 mm
7.00
0.059
0.512
0.795
2.165
0.331 + 0.059/−0.000
0.567
W1+ 0.078/−0.039
330.00
1.50
13.00
20.20
55.00
8.40 + 1.50/−0.00
14.40
W1 + 2.00/−1.00
Tape Size
A
B
C
D
N
W1
W2
W3
6.0 SPICE Macromodel
A SPICE macromodel is available for the LMC7101. This
model includes simulation of:
•
Input common-mode voltage range
•
Frequency and transient response
•
GBW dependence on loading conditions
•
Quiescent and dynamic supply current
•
Output swing dependence on loading conditions and
many more characteristics as listed on the macro model
disk. Contact your local National Semiconductor sales of-
fice to obtain an operational amplifier spice model library
disk.
DS011991-14
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18