データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

WM8759GED/V データシート(PDF) 1 Page - Wolfson Microelectronics plc

部品番号 WM8759GED/V
部品情報  24 BIT 192KHZ STEREO DAC WITH HEADPHONE BUFFER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WOLFSON [Wolfson Microelectronics plc]
ホームページ  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8759GED/V データシート(HTML) 1 Page - Wolfson Microelectronics plc

  WM8759GED/V Datasheet HTML 1Page - Wolfson Microelectronics plc WM8759GED/V Datasheet HTML 2Page - Wolfson Microelectronics plc WM8759GED/V Datasheet HTML 3Page - Wolfson Microelectronics plc WM8759GED/V Datasheet HTML 4Page - Wolfson Microelectronics plc WM8759GED/V Datasheet HTML 5Page - Wolfson Microelectronics plc WM8759GED/V Datasheet HTML 6Page - Wolfson Microelectronics plc WM8759GED/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM8759GED/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8759GED/V Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
w
WM8759
24-bit 192kHz Stereo DAC with Headphone Buffer
WOLFSON MICROELECTRONICS plc
www.wolfsonmicro.com
Advanced Information, September 2004, Rev 3.0
Copyright
2004 Wolfson Microelectronics plc
DESCRIPTION
The WM8759 is a high performance stereo DAC with an
integrated headphone driver. It is designed for audio
applications such as portable DVD, MP3 players or
consumer equipment with line output and headphone output
connections.
The WM8759 supports data input word lengths from 16 to
24-bits and sampling rates up to 192kHz. The WM8759
consists of a serial interface port, digital interpolation filters,
multi-bit sigma delta modulators and stereo DAC in a 14-pin
SOIC package.
The hardware control interface is used for the selection of
audio data interface format, enable and de-emphasis. The
WM8759 supports I
2S, right Justified or DSP interfaces.
Operating on split analog digital supplies the WM8759
allows very lower power consumption from the digital
section, whilst supporting large output powers from the
analog headphone driver.
FEATURES
•
Stereo DAC with headphone driver
•
50mW power into 16R load on 3.3V supply
•
Audio Performance
-
100dB SNR (‘A’ weighted @ 48kHz)
-
-88dB THD line level
-
-72dB THD headphone
•
DAC Sampling Frequency: 8kHz – 192kHz
•
Pin Selectable Audio Data Interface Format
-
I
2S, 16-bit Right Justified or DSP
•
2.7V - 5.5V Supply Operation, Split Analog-digital supplies
•
14-pin SOIC Package
•
Typical power consumption 20mW on 2.7V supply
APPLICATIONS
•
Portable music Players
•
Home music players
•
Digital TV
BLOCK DIAGRAM


同様の部品番号 - WM8759GED/V

メーカー部品番号データシート部品情報
logo
Wolfson Microelectronic...
WM8759GED/V WOLFSON-WM8759GED/V Datasheet
254Kb / 20P
24-bit 192kHz Stereo DAC with Headphone Buffer
More results

同様の説明 - WM8759GED/V

メーカー部品番号データシート部品情報
logo
Wolfson Microelectronic...
WM8729 WOLFSON-WM8729 Datasheet
169Kb / 15P
24-bit, 192kHz Stereo DAC
WM8762 WOLFSON-WM8762 Datasheet
148Kb / 15P
24-bit 192kHz Stereo DAC
WM8726 WOLFSON-WM8726 Datasheet
228Kb / 20P
24-bit 192kHz Stereo DAC
WM8727 WOLFSON-WM8727_06 Datasheet
156Kb / 16P
24-bit 192kHz Stereo DAC
WM8729 WOLFSON-WM8729_06 Datasheet
222Kb / 18P
24-bit, 192kHz Stereo DAC
WM8759 WOLFSON-WM8759_06 Datasheet
254Kb / 20P
24-bit 192kHz Stereo DAC with Headphone Buffer
WM8762 WOLFSON-WM8762_06 Datasheet
164Kb / 15P
24-bit 192kHz Stereo DAC
WM8726 WOLFSON-WM8726_12 Datasheet
154Kb / 23P
24-bit 192kHz Stereo DAC
WM8761 WOLFSON-WM8761_11 Datasheet
173Kb / 23P
24-bit 192kHz Stereo DAC
logo
Cirrus Logic
WM8761 CIRRUS-WM8761 Datasheet
173Kb / 23P
24-bit 192kHz Stereo DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com