| データシートサーチシステム |
|
WTS701MM/T データシート(PDF) 29 Page - Winbond |
|
|
|||||||||||||||||||||||||||||
WTS701MM/T データシート(HTML) 29 Page - Winbond |
|
29 / 77 page ![]() WTS701 Publication Release Date: May 2003 - 29 - Revision 3.09 ST STOP This command immediately stops conversion without finishing buffer, and clears the buffer. ST Class 1 Type I Host controller 0x4B 0x00 Byte Sequence: WTS701 Status Byte 0 Status Byte 1 Description: Stop conversion. FINW FINISH WORD This command directs the WTS701 to finish text conversion at the end of the current word. FINW Class 1 Type I Host controller 0x4D 0x00 Byte Sequence: WTS701 Status Byte 0 Status Byte 1 Description: This indicates that conversion is to end with the processing of the current word. FIN FINISH This command indicates that no further conversion data is to follow and to stop conversion after processing the current buffer contents. FIN Class 1 Type I Host controller 0x4C 0x00 Byte Sequence: WTS701 Status Byte 0 Status Byte 1 Description: Finish conversion after processing the current buffer. |