データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

COM20020 データシート(PDF) 3 Page - SMSC Corporation

部品番号 COM20020
部品情報  COM20020 3.3V ULANC Universal Local Area Network Controller with 2K x 8 On-Board RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SMSC [SMSC Corporation]
ホームページ  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20020 データシート(HTML) 3 Page - SMSC Corporation

  COM20020 Datasheet HTML 1Page - SMSC Corporation COM20020 Datasheet HTML 2Page - SMSC Corporation COM20020 Datasheet HTML 3Page - SMSC Corporation COM20020 Datasheet HTML 4Page - SMSC Corporation COM20020 Datasheet HTML 5Page - SMSC Corporation COM20020 Datasheet HTML 6Page - SMSC Corporation COM20020 Datasheet HTML 7Page - SMSC Corporation COM20020 Datasheet HTML 8Page - SMSC Corporation COM20020 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 72 page
background image
3
TABLE OF CONTENTS
FEATURES .............................................................................................................................................. 1
GENERAL DESCRIPTION ...................................................................................................................... 1
GENERAL DESCRIPTION ...................................................................................................................... 2
PIN CONFIGURATION ............................................................................................................................ 4
DESCRIPTION OF PIN FUNCTIONS ...................................................................................................... 5
PROTOCOL DESCRIPTION ................................................................................................................... 8
NETWORK PROTOCOL ..................................................................................................................... 8
DATA RATES ...................................................................................................................................... 8
NETWORK RECONFIGURATION ...................................................................................................... 9
BROADCAST MESSAGES ............................................................................................................... 10
EXTENDED TIMEOUT FUNCTION .................................................................................................. 10
LINE PROTOCOL ............................................................................................................................. 10
SYSTEM DESCRIPTION ....................................................................................................................... 13
MICROCONTROLLER INTERFACE................................................................................................. 13
TRANSMISSION MEDIA INTERFACE.............................................................................................. 17
FUNCTIONAL DESCRIPTION .............................................................................................................. 23
MICROSEQUENCER........................................................................................................................ 23
INTERNAL REGISTERS ................................................................................................................... 26
INTERNAL RAM................................................................................................................................ 39
COMMAND CHAINING ..................................................................................................................... 44
INITIALIZATION SEQUENCE ........................................................................................................... 46
IMPROVED DIAGNOSTICS.............................................................................................................. 47
OPERATIONAL DESCRIPTION............................................................................................................ 49
MAXIMUM GUARANTEED RATINGS* ............................................................................................. 49
DC ELECTRICAL CHARACTERISTICS ........................................................................................... 49
TIMING DIAGRAMS .............................................................................................................................. 52
APPENDIX A ......................................................................................................................................... 67
APPENDIX B ......................................................................................................................................... 71
SOFTWARE IDENTIFICATION OF THE COM20020 REV B, REV C AND REV D .............................. 71
COM20020 REVISIONS ........................................................................................................................ 72
For more details on the ARCNET protocol engine and traditional dipulse signaling schemes,
please refer to the ARCNET Local Area Network Standard, available from Standard Microsystems
Corporation or the ARCNET Designer's Handbook, available from Datapoint Corporation.
For more detailed information on cabling options including RS485, transformer-coupled RS-485
and Fiber Optic interfaces, please refer to the following technical note which is available from
Standard Microsystems Corporation: Technical Note 7-5 - Cabling Guidelines for the COM20020
ULANC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72