| データシートサーチシステム |
|
MLV-030D データシート(PDF) 10 Page - All Sensors Corporation |
|
|
|||||||||||||||||||||||||||||
MLV-030D データシート(HTML) 10 Page - All Sensors Corporation |
|
10 / 16 page ![]() MLV Series Low Voltage Pressure Sensors Pinout 1) Gnd 2) +Out 3) Vs 4) -Out 5) Do Not Connect 6) Do Not Connect 7) Do Not Connect 8) Do Not Connect Pinout 1) Gnd 2) +Out 3) Vs 4) -Out 5) Do Not Connect 6) Do Not Connect 7) Do Not Connect 8) Do Not Connect E1ND Package 0.225 5.72 Pin 1 2 3 4 Port B Port A Pin 8 7 6 5 2.10 10.79 0.425 0.500 12.70 0.082 0.100 2.54 0.64 0.192 4.88 7.17 0.282 0.025 0.350 (min) 8.89 NOTES 1) Dimensions are in inches [mm] 2) For suggested pad layout, see drawing: PAD-03 E1BD Package 8.89 (min) 0.025 4.88 0.192 0.64 0.350 0.360 9.15 0.225 5.72 Pin 1 2 3 4 Port B Port A Pin 8 7 6 5 0.425 1.14 0.500 0.045 2.11 10.80 2.54 12.70 0.083 0.100 NOTES 1) Dimensions are in inches [mm] 2) For suggested pad layout, see drawing: PAD-03 |