| データシートサーチシステム |
|
TMP93CS41DF データシート(PDF) 25 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP93CS41DF データシート(HTML) 25 Page - Toshiba Semiconductor |
|
25 / 48 page ![]() Quality and Reliability Assurance / Handling Precautions 030901 QUA-25 2002-02-20 2.4 Product-Specific Precautions and Usage Considerations 2.4.1 Using Resonators not Listed Under “Recommended Types” Resonators recommended for use with Toshiba products in microcontroller oscillator applications are listed in Toshiba databooks along with information about oscillation conditions. If you use a resonator not included in this list, please consult Toshiba or the resonator manufacturer concerning the suitability of the device for your application. 2.4.2 Undefined Functions In some microcontrollers certain instruction code values do not constitute valid processor instructions. Also, it is possible that the values of bits in registers will become undefined. Take care in your applications not to use invalid instructions or to let register bit values become undefined. 2.4.3 Injuries from Probe Tips Some probes and adapters have sharp pointed leads. Be careful not to injure yourself on the leads of devices. |