| データシートサーチシステム |
|
CLV0835E データシート(PDF) 1 Page - Z-Communications, Inc |
|
|
|||||||||||||||||||||||||||||
CLV0835E データシート(HTML) 1 Page - Z-Communications, Inc |
|
1 / 2 page ![]() LFSuffix = RoHS Compliant. All specifications are subject to change without notice. © Z-Communications, Inc. All Rights Reserved. Page 1 of 2 FRM-S-002 B PHASE NOISE (1 Hz BW, typical) OFFSET (Hz) Performance Specifications Typ Units Min Max 25 -111 -17 .2 1 150 50 Oscillation Frequency Range Phase Noise @ 10 kHz offset (1 Hz BW) Harmonic Suppression (2nd) Tuning Voltage Tuning Sensitivity (avg.) Power Output Load Impedance Input Capacitance Pushing Pulling ( dB Return Loss, Any Phase) Operating Temperature Range MHz dBc/Hz dBc Vdc MHz/V dBm pF MHz/V MHz °C 800 835 14 .5 4.5 Package Style -1 5 85 -40 2 -15 Power Supply Requirements Typ Units Min Max 5 21 Vdc mA Supply Voltage (Vcc, nom.) Supply Current (Icc) 26 Test Equipment VHF Communications • • • Applications Voltage-Controlled Oscillator Surface Mount Module CLV0835E-LF A1 Rev Additional Notes Application Notes • AN-101: Mounting and Grounding • AN-102: Output Loading • AN-107: Manual Soldering 14118 Stowe Drive, Suite B Poway, CA 92064 TEL: (858) 621-2700 | FAX: (858) 486-1927 URL: www.zcomm.com EMAIL: applications@zcomm.com MINI-14S-L |
同様の部品番号 - CLV0835E |
|
同様の説明 - CLV0835E |