データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS7808 データシート(PDF) 22 Page - Cirrus Logic

部品番号 CS7808
部品情報  MULTI PURPOSE AUDIO/VIDEO EMBEDDED PROCESSOR
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CIRRUS [Cirrus Logic]
ホームページ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7808 データシート(HTML) 22 Page - Cirrus Logic

Back Button CS7808 Datasheet HTML 18Page - Cirrus Logic CS7808 Datasheet HTML 19Page - Cirrus Logic CS7808 Datasheet HTML 20Page - Cirrus Logic CS7808 Datasheet HTML 21Page - Cirrus Logic CS7808 Datasheet HTML 22Page - Cirrus Logic CS7808 Datasheet HTML 23Page - Cirrus Logic CS7808 Datasheet HTML 24Page - Cirrus Logic CS7808 Datasheet HTML 25Page - Cirrus Logic CS7808 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
CS7808
22
allows overlay of multiple video planes (main vid-
eo / video input / picture_in_picture / on_screen
display / cursor). CS7808 has been proven to work
with many TV encoders on the market with brands
such as: Crystal, Brooktree, ADI, and AVS.
The Video Input Scaler (VIS) module inputs 8-bit
digital video data from a camera or PAL/NTSC de-
coder, optionally down-scales to SIF or QSIF, and
stores the data in one to three DRAM frame buff-
ers. The scaled image, with a border, can be over-
laid anywhere on the screen into a ½ or ¼-screen
sized window by the Picture in Picture (PIP) mod-
ule.
An alternate method of using the Video Input func-
tion is to input a full sized picture and present it on
the screen full size (bypass mode). An internal
glitch-free mux can switch the video processor
clock source from the internal clock to the Video
Input clock, allowing the PIP mode to switch back
and forth on the fly, with no dropout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52