| データシートサーチシステム |
|
LMV321M7 データシート(PDF) 20 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LMV321M7 データシート(HTML) 20 Page - National Semiconductor (TI) |
|
20 / 27 page ![]() Application Notes (Continued) 4.6 CURRENT SOURCE AND SINK The LMV321/358/324 can be used in feedback loops which regulate the current in external PNP transistors to provide current sources or in external NPN transistors to provide current sinks. 4.6.1 Fixed Current Source A multiple fixed current source is show in Figure 20.A voltage (V REF = 2V) is established across resistor R3 by the voltage divider (R 3 and R 4). Negative feedback is used to cause the voltage drop across R 1 to be equal to VREF. This controls the emitter current of transistor Q 1 and if we neglect the base current of Q 1 and Q2, essentially this same current is available out of the collector of Q 1. Large input resistors can be used to reduce current loss and a Darlington connection can be used to reduce errors due to the β of Q 1. The resistor, R 2, can be used to scale the collector current of Q 2 either above or below the 1mA reference value. 4.6.2 High Compliance Current Sink A current sink circuit is shown in Figure 21. The circuit requires only one resistor (R E) and supplies an output cur- rent which is directly proportional to this resistor value. 4.7 POWER AMPLIFIER A power amplifier is illustrated in Figure 22. This circuit can provide a higher output current because a transistor follower is added to the output of the op amp. 4.8 LED DRIVER The LMV321/358/324 can be used to drive an LED as shown in Figure 23. 10006076 FIGURE 19. Squarewave Generator 10006080 FIGURE 20. Fixed Current Source 10006082 FIGURE 21. High Compliance Current Sink 10006079 FIGURE 22. Power Amplifier 10006084 FIGURE 23. LED Driver www.national.com 20 |