データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N3042ATR データシート(PDF) 2 Page - Microsemi Corporation

部品番号 1N3042ATR
部品情報  1 WATT METAL CASE ZENER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROSEMI [Microsemi Corporation]
ホームページ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N3042ATR データシート(HTML) 2 Page - Microsemi Corporation

  1N3042ATR Datasheet HTML 1Page - Microsemi Corporation 1N3042ATR Datasheet HTML 2Page - Microsemi Corporation 1N3042ATR Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1 WATT METAL CASE ZENER DIODES
SCOTTSD A L E DIVISION
1N3016B thru 1N3051B
*ELECTRICAL CHARACTERISTICS @ 25oC
MAXIMUM ZENER IMPEDANCE
(Note 3)
NOMINAL
ZENER
VOLTAGE
VZ @ IZT
(Note 2)
ZENER
TEST
CURRENT
IZT
ZZT @ IZT
ZZK @ IZK
MAXIMUM
ZENER
CURRENT
IZM
(Note 4)
MAXIMUM
REVERSE
LEAKAGE
CURRENT†
IR
@
VR
TYPICAL
TEMP. COEFF.
OF ZENER
VOLTAGE
αVZ
JEDEC
TYPE
NUMBER
(Note 1)
Volts
mA
OHMS
OHMS
mA
mA
µA
Volts
%/
oC
1N3016B
1N3017B
1N3018B
1N3019B
6.8
7.5
8.2
9.1
37
34
31
28
3.5
4.0
4.5
5
700
700
700
700
1.0
.5
.5
.5
140
125
115
105
150
100
50
25
5.2
5.7
6.2
6.9
.040
.045
.048
.050
1N3020B
1N3021B
1N3022B
1N3023B
10
11
12
13
25
23
21
19
7
8
9
10
700
700
700
700
.25
.25
.25
.25
95
85
80
74
25
10
10
10
7.6
8.4
9.1
9.9
.055
.060
.065
.065
1N3024B
1N3025B
1N3026B
1N3027B
15
16
18
20
17
15.5
14
12.5
14
16
20
22
700
700
750
750
.25
.25
.25
.25
63
60
52
47
10
10
10
10
11.4
12.2
13.7
15.2
.070
.070
.075
.075
1N3028B
1N3029B
1N3030B
1N3031B
22
24
27
30
11.5
10.5
9.5
8.5
23
25
35
40
750
750
750
1000
.25
.25
.25
.25
43
40
34
31
10
10
10
10
16.7
18.2
20.6
22.8
.080
.080
.085
.085
1N3032B
1N3033B
1N3034B
1N3035B
33
36
39
43
7.5
7.0
6.5
6.0
45
50
60
70
1000
1000
1000
1500
.25
.25
.25
.25
28
26
23
21
10
10
10
10
25.1
27.4
29.7
32.7
.085
.085
.090
.090
1N3036B
1N3037B
1N3038B
1N3039B
47
51
56
62
5.5
5.0
4.5
4.0
80
95
110
125
1500
1500
2000
2000
.25
.25
.25
.25
19
18
17
15
10
10
10
10
35.8
38.8
42.6
47.1
.090
.090
.090
.090
1N3040B
1N3041B
1N3042B
1N3043B
68
75
82
91
3.7
3.3
3.0
2.8
150
175
200
250
2000
2000
3000
3000
.25
.25
.25
.25
14
12
11
10
10
10
10
10
51.7
56.0
62.2
69.2
.090
.090
.090
.090
1N3044B
1N3045B
1N3046B
1N3047B
100
110
120
130
2.5
2.3
2.0
1.9
350
450
550
700
3000
4000
4500
5000
.25
.25
.25
.25
9.0
8.3
8.0
6.9
10
10
10
10
76.0
83.6
91.2
98.8
.090
.095
.095
.095
1N3048B
1N3049B
1N3050B
1N3051B
150
160
180
200
1.7
1.6
1.4
1.2
1000
1100
1200
1500
6000
6500
7000
8000
.25
.25
.25
.25
5.7
5.4
4.9
4.6
10
10
10
10
114.0
121.6
136.8
152.0
.095
.095
.095
.100
*JEDEC Registered Data.
†Not JEDEC Data.
NOTES: 1.
When using JEDEC numbers, B suffix signifies +/-5% tolerance on nominal zener voltage. The suffix A is used to identify +/-10%
tolerance; no suffix indicates +/-20% tolerance: suffix C is used to identify +/- 2%; and suffix D is used to identify +/- 1% tolerance.
2.
Zener Voltage (
VZ) is measured with junction in thermal equilibrium with still air at a temperature of 25
oC. The test currents (IZT) at
nominal voltages provide a constant 0.25 watts.
3.
The zener impedance is derived when a 60 cycle ac current having an rms value equal to 10% of the dc zener current (IZT or
IZK) is superimposed on IZT or IZK. Zener impedance is measured at 2 points to ensure a sharp knee on the breakdown curve
and to eliminate unstable units. See MicroNote 202 for variation in dynamic impedance with different zener currents.
4.
These values of IZM may often be exceeded in the case of individual diodes. The values shown are calculated for a unit at the high
voltage end of its tolerance range. Allowance has also been made for the rise in zener voltage above VZT that results from zener
impedance and the increase in junction temperature as a unit approaches thermal equilibrium at a dissipation of 1 watt. The IZM
values shown for +/-5% tolerance units may be used with little error for +/-10% tolerance units, but should be reduced by 7% to
include a +/-20% tolerance unit near the high voltage end of its tolerance range.
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 2
Copyright
 2003
11-03-2003 REV A



Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com