| データシートサーチシステム |
|
L9950TR データシート(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9950TR データシート(HTML) 18 Page - STMicroelectronics |
|
18 / 23 page ![]() L9950 18/23 Figure 6. SPI - TRANSFER TIMING DIAGRAM Figure 7. SPI - INPUT TIMING 12 3 4 56 7 0 01 1 234 5 6 7 0 1 234 5 6 7 0 01 01 CSN CLK DI DO Input Data Register CSN high to low: DO enabled time DI: data will be accepted on the rising edge of CLK signal time time time time DO: data will change on the falling edge of CLK signal fault bit CSN low to high: actual data is transfered to output power switches old data new data 23 22 21 20 19 18 23 22 21 20 19 18 23 22 21 20 19 18 X X X X X X 12 3 4 56 7 0 01 1 234 5 6 7 0 12 3 4 56 7 0 01 1 234 5 6 7 0 1 234 5 6 7 0 01 01 CSN CLK DI DO Input Data Register CSN high to low: DO enabled time DI: data will be accepted on the rising edge of CLK signal time time time time DO: data will change on the falling edge of CLK signal fault bit CSN low to high: actual data is transfered to output power switches old data new data 1 234 5 6 7 0 01 01 CSN CLK DI DO Input Data Register CSN high to low: DO enabled time DI: data will be accepted on the rising edge of CLK signal time time time time DO: data will change on the falling edge of CLK signal fault bit CSN low to high: actual data is transfered to output power switches old data new data 23 22 21 20 19 18 23 22 21 20 19 18 23 22 21 20 19 18 X X X X X X 0.8 VCC 0.8 VCC 0.8 VCC 0.2 VCC 0.2 VCC 0.2 VCC Valid Valid CSN CLK DI t set CSN t CLKH t se t CLK t CLKL t hold DI t set DI |