| データシートサーチシステム |
|
Q106-R00xx データシート(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED |
|
|
|||||||||||||||||||||||||||||
Q106-R00xx データシート(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED |
|
3 / 7 page ![]() 3 Figure 1. Proper right angle mounting to a PC board to prevent protruding anode tab from shorting to cathode c onnection. Package Dimensions A) Flat Top Lamps B) Diffused and Nondiffused Dome Lamps 0.46 0.56 (0.018) (0.022) 1.40 1.65 (0.055) (0.065) 0.25 (0.010) MAX.* NOTE 2 0.20 (0.008) MAX. 0.50 (0.020) REF. NOTE 3 ANODE 1.65 1.91 (0.065) (0.075) DIA. CATHODE 11.68 10.67 (0.460) (0.420) BOTH SIDES 1.14 1.40 (0.045) (0.055) 0.63 0.38 (0.025) (0.015) 2.21 1.96 (0.087) (0.077) 0.18 0.23 (0.007) (0.009) 0.76 (0.030) 0.79 (0.031) 2.44 1.88 (0.096) (0.074) 2.08 2.34 (0.082) (0.092) CATHODE STRIPE * REFER TO FIGURE 1 FOR DESIGN CONERNS. NOTE 3 CATHODE STRIPE NOTE 3 Notes: 1. All dimensions are in millimetres (inches). 2. Protruding support tab is connected to anode lead. 3. Lead polarity for these TS AlGaAs subminiature lamps is opposite to the lead polarity of subminiature lamps using other led technologies. 0.50 (0.020) REF. 0.46 0.56 (0.018) (0.022) 0.25 (0.010) MAX.* NOTE 2 0.20 (0.008) MAX. NOTE 3 ANODE 1.65 1.91 (0.065) (0.075) DIA. CATHODE 11.68 10.67 (0.460) (0.420) BOTH SIDES 0.94 1.24 (0.037) (0.049) 2.92 (0.115) MAX. 0.76 0.89 (0.030) (0.035) R. 0.63 0.38 (0.025) (0.015) 2.03 (0.080) 1.78 (0.070) 0.79 (0.031) 0.53 (0.021) 0.18 0.23 (0.007) (0.009) 2.08 2.34 (0.082) (0.092) CATHODE STRIPE NOTE 3 2.21 1.96 (0.087) (0.077) CATHODE STRIPE NOTE 3 CATHODE STRIPE NOTE 3 NO. CATHODE DOWN. YES. ANODE DOWN. ANODE TAB |