データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M29W160ET データシート(PDF) 39 Page - STMicroelectronics

部品番号 M29W160ET
部品情報  16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W160ET データシート(HTML) 39 Page - STMicroelectronics

Back Button M29W160ET Datasheet HTML 32Page - STMicroelectronics M29W160ET Datasheet HTML 33Page - STMicroelectronics M29W160ET Datasheet HTML 34Page - STMicroelectronics M29W160ET Datasheet HTML 35Page - STMicroelectronics M29W160ET Datasheet HTML 36Page - STMicroelectronics M29W160ET Datasheet HTML 37Page - STMicroelectronics M29W160ET Datasheet HTML 38Page - STMicroelectronics M29W160ET Datasheet HTML 39Page - STMicroelectronics M29W160ET Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
39/40
M29W160ET, M29W160EB
REVISION HISTORY
Table 28. Document Revision History
Date
Version
Revision Details
06-Aug-2002
-01
First Issue: originates from M29W160D datasheet dated 24-Jun-2002
27-Nov-2002
1.1
9x8mm FBGA48 package replaced by 6x8mm. VDD(min) reduced for -70ns speed class.
Erase Suspend Latency Time (typical and maximum) added to Program, Erase Times
and Program, Erase Endurance Cycles table. Logic Diagram corrected.
03-Dec-2002
1.2
Package information corrected in ordering information table.
21-Mar-2003
2.0
Document promoted to full Datasheet status. Block Protect and Chip Unprotect
algorithms specified in Appendix C, BLOCK PROTECTION.
27-Jun-2003
2.1
TSOP48 package information updated (see Figure 15 and Table 16).
26-Jan-2004
3.0
Block Erase Command clarified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40