| データシートサーチシステム |
|
02MP2 データシート(PDF) 3 Page - Delta Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
02MP2 データシート(HTML) 3 Page - Delta Electronics, Inc. |
|
3 / 3 page ![]() ME3 ME3DA ME4E Proposal of installation for ME3 series please follow these steps to install: 1. Insert filter to PCB and soldering. 2. Screw panel and filter on PCB. 3. Assemble case with PCB with panel and filter. Note: - Socket of filter should be assembled with mounting hole of case tightly for easy insertion of power cord. - Screw from the outside of case to fix filter for more secured assembly (optional). 3-3 mm INCH UNIT: SUGGESTED MOUNTING CUTOUT (MOUNTING DIMENSIONS OF SOCKET) 0.14(2X) 3.5(2X) 1.18 30.0 1.575 0.02 40.0 0.5 40.0 0.1 1.575 0.004 30.5 0.1 1.2 0.004 R6.0(4X) R0.236(4X) 3.6 0.2 0.142 0.007 3.5(2X) 0.14(2X) 0.07(3X) 0.394 0.004 MOUNTING DIMENSIONS OF PC BOARD 1.8(3X) 40.0 0.1 1.575 0.004 10.0 0.1 0.394 0.004 10.0 0.1 4.0 0.16 3.3 2.0 0.079 0.13 36.0 1.42 SUGGESTED MOUNTING CUTOUT (MOUNTING DIMENSIONS OF SOCKET) 1.575 0.004 R0.236(4X) R6.0(4X) 3.6 0.2 0.142 0.007 1.2 0.004 30.5 0.1 40.0 0.1 1.575 0.02 40.0 0.5 50.5MAX. 2.0MAX. 0.13(2X) 3.3(2X) 0.05X0.03t(2X) 1.3X0.8t(2X) 21.30 9.80 0.04X0.02t(2X) 1.0X0.5t(2X) 0.84 0.386 1.4(2X) 0.055(2X) 1.7(2X) 0.067(2X) MOUNTING DIMENSIONS OF PC BOARD 0.81 0.004 0.732 0.004 20.5 0.1 18.6 0.1 0.05X0.03t(2X) 1.3X0.8t(2X) 0.84 21.3 0.386 9.80 1.0X0.5t(2X) 0.04X0.02t(2X) 0.667 0.55 0.059 14.0 ME3(S) ONLY 1.5 16.95 15.0 38.0MAX. L N 1.496MAX. G 0.142 3.6 0.6 0.13(2X) 3.3(2X) |