データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MPC860DP データシート(PDF) 23 Page - Motorola, Inc

部品番号 MPC860DP
部品情報  Hardware Specification
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC860DP データシート(HTML) 23 Page - Motorola, Inc

Back Button MPC860DP Datasheet HTML 19Page - Motorola, Inc MPC860DP Datasheet HTML 20Page - Motorola, Inc MPC860DP Datasheet HTML 21Page - Motorola, Inc MPC860DP Datasheet HTML 22Page - Motorola, Inc MPC860DP Datasheet HTML 23Page - Motorola, Inc MPC860DP Datasheet HTML 24Page - Motorola, Inc MPC860DP Datasheet HTML 25Page - Motorola, Inc MPC860DP Datasheet HTML 26Page - Motorola, Inc MPC860DP Datasheet HTML 27Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 76 page
background image
MOTOROLA
MPC860 Family Hardware Specifications
23
Bus Signal Timing
Figure 9-6 provides the timing for the synchronous input signals.
Figure 9-6. Synchronous Input Signals Timing
Figure 9-7 provides normal case timing for input data. It also applies to normal read
accesses under the control of the UPM in the memory controller.
Figure 9-7. Input Data Timing in Normal Case
Figure 9-8 provides the timing for the input data controlled by the UPM for data beats
where DLT3 = 1 in the UPM RAM words. (This is only the case where data is latched on
the falling edge of CLKOUT.)
CLKOUT
TA, BI
TEA, KR,
RETRY, CR
BB, BG, BR
B16
B17
B16a
B17a
B16b
B17
CLKOUT
TA
D[0:31],
DP[0:3]
B16
B17
B19
B18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76