| データシートサーチシステム |
|
MMQA22VT3 データシート(PDF) 2 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
MMQA22VT3 データシート(HTML) 2 Page - ON Semiconductor |
|
2 / 6 page ![]() MMQA Quad Common Anode Series http://onsemi.com 2 ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) UNIDIRECTIONAL (Circuit tied to pins 1, 2, and 5; Pins 2, 3, and 5; Pins 2, 4, and 5; or Pins 2, 5, and 6) (VF = 0.9 V Max @ IF = 10 mA) Breakdown Voltage Max Reverse Leakage Current Max Max Reverse Voltage @ IRSM Maximum Capacitance @ 0 Volt Bias, 1 MHz VZT (Note 5) (V) @ IZT IR VR Max Zener Impedance (Note 7) Max Reverse Surge Current IRSM (Note 6) (Clamping Voltage) Maximum Temperature Coefficient of VZ (pF) Device Min Nom Max (mA) (nA) (V) ZZT @ IZT ( W) (mA) IRSM (A) VRSM (V) (mV/ °C) Min Max MMQA5V6T1,T3 5.32 5.6 5.88 1.0 2000 3.0 400 3.0 8.0 1.26 − − MMQA6V2T1,T3 5.89 6.2 6.51 1.0 700 4.0 300 2.66 9.0 10.6 − − MMQA6V8T1,T3 6.46 6.8 7.14 1.0 500 4.3 300 2.45 9.8 10.9 100 250 MMQA12VT1,T3 11.4 12 12.6 1.0 75 9.1 80 1.39 17.3 14 − − MMQA13VT1 12.4 13 13.7 1.0 75 9.8 80 1.29 18.6 15 − − MMQA15VT1,T3 14.3 15 15.8 1.0 75 11 80 1.1 21.7 16 − − MMQA18VT1,T3 17.1 18 18.9 1.0 75 14 80 0.923 26 19 − − MMQA20VT1,T3 19 20 21 1.0 75 15 80 0.84 28.6 20.1 − − MMQA21VT1,T3 20 21 22.1 1.0 75 16 80 0.792 30.3 21 − − MMQA22VT1,T3 20.9 22 23.1 1.0 75 17 80 0.758 31.7 22 − − MMQA24VT1,T3 22.8 24 25.2 1.0 75 18 100 0.694 34.6 25 − − MMQA27VT1,T3 25.7 27 28.4 1.0 75 21 125 0.615 39 28 − − MMQA30VT1,T3 28.5 30 31.5 1.0 75 23 150 0.554 43.3 32 − − MMQA33VT1,T3 31.4 33 34.7 1.0 75 25 200 0.504 48.6 37 − − 1. Non-repetitive current pulse per Figure 5 and derate above TA = 25°C per Figure 4. 2. Non-repetitive current pulse per Figure 6 and derate above TA = 25°C per Figure 4. 3. FR-5 = 1.0 x 0.75 x 0.62 in. 4. Alumina = 0.4 x 0.3 x 0.024 in., 99.5% alumina 5. VZ measured at pulse test current IT at an ambient temperature of 25°C. 6. Surge current waveform per Figure 5 and derate per Figure 4. 7. ZZT is measured by dividing the AC voltage drop across the device by the AC current supplied. The specified limits are IZ(AC) = 0.1 IZ(DC), with AC frequency = 1 kHz. TYPICAL CHARACTERISTICS 300 VZ, NOMINAL ZENER VOLTAGE (V) 250 200 150 100 50 0 5.6 6.8 12 20 27 BIASED AT 0 V BIASED AT 1 V BIASED AT 50% OF VZ NOM Figure 1. Typical Capacitance 5.6 6.8 20 27 10,000 1,000 100 10 0 Figure 2. Typical Leakage Current VZ, NOMINAL ZENER VOLTAGE (V) 33 33 +150°C +25°C −40°C |
|
|
リンク URL |
| ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | データシートへのリンク | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |