| データシートサーチシステム |
|
HCPL-3000 データシート(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
|
|||||||||||||||||||||||||||||
HCPL-3000 データシート(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
2 / 10 page ![]() 2 Schematic ANODE CATHODE 1 2 - + IF ICC 8 7 6 5 GND VCC VO2 VO1 IO1 I O2 Q2 Q1 Ordering Information HCPL-3000 is UL Recognized with 5000 Vrms for 1 minute per UL1577. Option Part Surface Gull Tape Number RoHS Compliant Package Mount Wing & Reel Quantity -000E 300 mil DIP-8 50 per tube HCPL-3000 -300E X X 50 per tube -500E X X X 1000 per reel To order, choose a part number from the part number column and combine with the desired option from the option column to form an order entry. Example 1: HCPL-3000-500E to order product of 300 mil DIP Gull Wing Surface Mount package in Tape and Reel packaging and RoHS compliant. Example 2: HCPL-3000-000E to order product of 300 mil DIP package in Tube packaging and RoHS compliant. Option datasheets are available. Contact your Avago sales representative or authorized distributor for information. Remarks: The notation ‘#XXX’ is used for existing products, while (new) products launched since July 15, 2001 and RoHS compliant will use ‘–XXXE.’ |