データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ACPL-W345 データシート(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 ACPL-W345
部品情報  1.0 Amp Output Current Power & SiC MOSFET Gate Drive Optocoupler with Rail-to-Rail Output Voltage in Stretched SO6
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-W345 データシート(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-W345 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-W345 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-W345 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-W345 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-W345 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-W345 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-W345 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-W345 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-W345 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
Ordering Information
ACPL-P345 is UL Recognized with 3750 VRMS for 1 minute per UL1577.
ACPL-W345 is UL Recognized with 5000 VRMS for 1 minute per UL1577.
Part number
Option
Package
Surface Mount
Tape& Reel
IEC/EN/DIN EN
60747-5-5
Quantity
RoHS Compliant
ACPL-P345
ACPL-W345
-000E
Stretched
SO-6
X
100 per tube
-500E
X
X
1000 per reel
-060E
X
X
100 per tube
-560E
X
X
X
1000 per reel
To order, choose a part number from the part number column and combine with the desired option from the option
column to form an order entry.
Example 1:
ACPL-P345-560E to order product of Stretched SO-6 Surface Mount package in Tape and Reel packaging with IEC/EN/
DIN EN 60747-5-5 Safety Approval in RoHS compliant.
Example 2:
ACPL-W345-000E to order product of Stretched SO-6 Surface Mount package in Tube packaging and RoHS compliant.
Option datasheets are available. Contact your Avago sales representative or authorized distributor for information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15