| データシートサーチシステム |
|
ACPL-P347 データシート(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
|
|||||||||||||||||||||||||||||
ACPL-P347 データシート(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
2 / 14 page ![]() 2 Ordering Information ACPL-P347 is UL Recognized with 3750 VRMS for 1 minute per UL1577. ACPL-W347 is UL Recognized with 5000 VRMS for 1 minute per UL1577. Part numb Option Package Surface Mount Tape & Reel IEC/EN/DIN EN 60747-5-5 Quantity RoHS Compliant ACPL-P347 ACPL-W347 -000E Stretched SO-6 X 100 per tube -500E X X 1000 per reel -060E X X 100 per tube -560E X X X 1000 per reel To order, choose a part number from the part number column and combine with the desired option from the option column to form an order entry. Example 1: ACPL-P347-560E to order product of Stretched SO-6 Surface Mount package in Tape and Reel packaging with IEC/EN/ DIN EN 60747-5-5 Safety Approval in RoHS compliant. Example 2: ACPL-W347-000E to order product of Stretched SO-6 Surface Mount package in Tube packaging and RoHS compliant. Option datasheets are available. Contact your Avago sales representative or authorized distributor for information. |