| データシートサーチシステム |
|
LMX3305 データシート(PDF) 21 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LMX3305 データシート(HTML) 21 Page - National Semiconductor (TI) |
|
21 / 24 page ![]() 2.0 Programming Description (Continued) 2.6.1 RF_N_CNTR (RF_N[28]-[14]) The RF N counter value is determined by three counter values that work in conjunction with four prescalers. This quadruple modulus prescaler architecture allows lower minimum continuous divide ratios than are possible with a dual modulus prescaler architecture. For the determination of the A, B, and C counter values, the fundamental relationships are shown below. N=PC+4B+ A C ≥ max {A,B} + 2 The A, B, and C values can be determined as follows: C=N div P B=(N-CP) div 4 A = (N - CP) mod 4 N REGISTER FOR THE CELLULAR (8/9/12/13) PRESCALER OPERATING IN FRACTIONAL MODE Divide RF_N_CNTR [14:0] Ratio C Word B Word A Word 1-23 Divide Ratios Less than 24 are impossible since it is required that C ≥ 3 24-39 Some of these N values are Legal Divide Ratios, some are not 40 00000000101 0000 41 00000000101 0001 … ........... 0 . . . 16383 11111111111 0111 N REGISTER FOR THE PCS (16/17/20/21) PRESCALER OPERATING IN FRACTIONAL MODE Divide RF_N_CNTR [14:0] Ratio C Word B Word A Word 1-47 Divide Ratios Less than 48 are impossible since it is required that C ≥ 3 48-79 Some of these N values are Legal Divide Ratios, some are not 80 00000000101 0000 81 00000000101 0001 … ........... 0 . . . 32767 11111111111 1111 2.6.2 FRAC_N (RF_N[13]-[10]) These four bits, the fractional accumulator modulus numerator, set the fractional numerator values in the fraction. Modulus Numerator FRAC_N [3:0] 0 0000 1 0001 2 0010 • •••• 14 1110 15 1111 www.national.com 21 |