データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FXR.08.A データシート(PDF) 2 Page - Taoglas antenna solutions

部品番号 FXR.08.A
部品情報  Flexible Low Profile Embedded
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAOGLAS [Taoglas antenna solutions]
ホームページ  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FXR.08.A データシート(HTML) 2 Page - Taoglas antenna solutions

  FXR.08.A Datasheet HTML 1Page - Taoglas antenna solutions FXR.08.A Datasheet HTML 2Page - Taoglas antenna solutions FXR.08.A Datasheet HTML 3Page - Taoglas antenna solutions FXR.08.A Datasheet HTML 4Page - Taoglas antenna solutions FXR.08.A Datasheet HTML 5Page - Taoglas antenna solutions FXR.08.A Datasheet HTML 6Page - Taoglas antenna solutions FXR.08.A Datasheet HTML 7Page - Taoglas antenna solutions FXR.08.A Datasheet HTML 8Page - Taoglas antenna solutions FXR.08.A Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SPE-14-8-111/C/CMPage2of10
1.
Introduction
The FXR.08.A is a rectangular, flexible, NFC (Near Field Communications) antenna
for use in mobile devices and other applications. The design provides a flexible NFC
antenna that can be adhered to the plastic enclosure of the device for ease of
installation.
With NFC antennas being commonly attached to the battery of mobile devices, they
can be customized with a ferrite flux director to provide isolation from the battery or
other components within the device. Using the antenna on a conductive surface
without a ferrite layer will result in extremely short range or complete failure to
communicate.
Customized antennas for specific applications for shape and for impedance match can
also be provided for an NRE and subject to MOQ. Contact your regional Taoglas sales
office for more information and support on our NFC antenna range.



Html Pages

1 2 3 4 5 6 7 8 9 10