| データシートサーチシステム |
|
STGD3NB60F データシート(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STGD3NB60F データシート(HTML) 2 Page - STMicroelectronics |
|
2 / 14 page ![]() STGP3NB60F/STGD3NB60F/STGP3NB60FD/STGF3NB60FD/STGB3NB60FD 2/14 ABSOLUTE MAXIMUM RATINGS ( ) Pulse width limited by safe operating area (1) For “D” version only THERMAL DATA ELECTRICAL CHARACTERISTICS (TCASE = 25°C UNLESS OTHERWISE SPECIFIED) MAIN PARAMETERS Symbol Parameter Value Unit TO-220/D2PAK TO-220FP DPAK VCES Collector-Emitter Voltage (VGS =0) 600 V VECR Emitter-Collector Voltage 20 V VGE Gate-Emitter Voltage ±20 V IC Collector Current (continuous) at TC =25°C 6A IC Collector Current (continuous) at TC =100°C 3A ICM ( ) Collector Current (pulsed) 24 A If (1) Forward Current 3 A Ifm (1) Forward Current Pulsed 24 A PTOT Total Dissipation at TC = 25°C 68 25 60 W Derating Factor 0.55 0.2 0.47 W/°C VISO Insulation Withstand Voltage A.C. -- 2500 -- V Tstg Storage Temperature – 55 to 150 °C Tj Max. Operating Junction Temperature 150 °C TO-220/D2PAK TO-220FP DPAK Rthj-case Thermal Resistance Junction-case Max 1.8 5 2.1 °C/W Rthj-amb Thermal Resistance Junction-ambient Max 62.5 100 °C/W Rthc-h Thermal Resistance Case-heatsink Typ 0.5 °C/W Symbol Parameter Test Conditions Min. Typ. Max. Unit VBR(CES) Collector-Emitter Breakdown Voltage IC = 250 µA, VGE = 0 600 V ICES Collector cut-off (VGE =0) VCE = Max Rating, TC = 25°C VCE = Max Rating, TC = 125°C 50 100 µA µA IGES Gate-Emitter Leakage Current (VCE =0) VGE =±20V,VCE = 0 ±100 nA VGE(th) Gate Threshold Voltage VCE =VGE,IC = 250 µA 35 V VCE(sat) Collector-Emitter Saturation Voltage VGE =15 V,IC =3 A VGE =15 V,IC =3 A, Tj =125°C 1.9 1.6 2.4 V V |