| データシートサーチシステム |
|
CAY06-AS データシート(PDF) 2 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
CAY06-AS データシート(HTML) 2 Page - Bourns Electronic Solutions |
|
2 / 2 page ![]() Packaging Specifications DIMENSIONS: MM (INCHES) Specifications are subject to change without notice. The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. Users should verify actual device performance in their specific applications. CAY06-AS Series - Sulfur-Resistant Thick Film Chip Arrays Product Dimensions DIMENSIONS: MM (INCHES) Recommended Land Pattern 10/16 A T B B G G W P L Dim. CAY06-AS L 0.85 ± 0.05 (0.033 ± 0.002) W 0.60 ± 0.05 (0.024 ± 0.002) T 0.35 ± 0.05 (0.014 ± 0.002) P 0.50 ± 0.05 (0.020 ± 0.002) A 0.37 ± 0.05 (0.015 ± 0.002) B 0.11 ± 0.05 (0.004 ± 0.002) G 0.17 ± 0.05 (0.007 ± 0.002) 0.30 (.012) 0.30 (.012) 0.30 (.012) 0.30 (.012) 0.50 (.020) 180 (7.087) 2.0 ± 0.5 (.079 ± .020) 60 (2.362) 21.0 ± 0.8 (.827 ± .031) 13.0 ± 0.2 (.511 ± .008) 11.4 ± 1.0 (.449 ± .040) 9.0 ± 0.3 (.354 ± .012) ORIENTATION OF PART IN TAPE 4 3 1 2 8.00 ± 0.30 (.315 ± .012) 3.50 ± 0.05 (.138 ± .002) 1.75 ± 0.10 (.069 ± .004) 2.75 ± 0.10 (.108 ± .004) 4.00 ± 0.10 (.157 ± .004) 2.00 ± 0.05 (.079 ± .002) 1.00 ± 0.04 (.039 ± .001) 0.70 ± 0.04 (.028 ± .001) 2.00 ± 0.05 (.079 ± .002) 1.50 +0.10/-0 (.059 +.004/-0) DIA. 4.00 ± 0.10 (.157 ± .004) 0.48 ± 0.05 (.019 ± .002) Asia-Pacific: Tel: +886-2 2562-4117 • Email: asiacus@bourns.com EMEA: Tel: +36 88 520 390 • Email: eurocus@bourns.com The Americas: Tel: +1-951 781-5500 • Email: americus@bourns.com www.bourns.com Derating Curve mbien Tem. 70 125 -55 0 20 40 60 80 100 40 60 80 100 120 140 160 Isolated Circuit R 4 1 R 3 2 Typical Part Marking Marking.........Refer to Product Dimensions Marking Color...................................Yellow |