データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PS2603 データシート(PDF) 2 Page - NEC

部品番号 PS2603
部品情報  Optocoupler Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

PS2603 データシート(HTML) 2 Page - NEC

  PS2603 Datasheet HTML 1Page - NEC PS2603 Datasheet HTML 2Page - NEC PS2603 Datasheet HTML 3Page - NEC PS2603 Datasheet HTML 4Page - NEC PS2603 Datasheet HTML 5Page - NEC PS2603 Datasheet HTML 6Page - NEC PS2603 Datasheet HTML 7Page - NEC PS2603 Datasheet HTML 8Page - NEC PS2603 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
1
DESIGNING FOR OPTOCOUPLERS WITH BASE PIN
GENERAL
Optocouplers (optical couplers) are designed to isolate electrical output from input for complete elimination of noise. They have
been used conventionally as substitutes for relays and pulse transformers. Today's current technology in the area of microcom-
puters creates new applications for optocouplers.
This manual describes the characteristics of typical optocouplers. Also included are notes on designing application circuits for
typical optocouplers (with a base pin) for better comprehension. NEC's typical optocouplers with or without base pins are listed
on the following pages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38