データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SC84520 データシート(PDF) 11 Page - List of Unclassifed Manufacturers

部品番号 SC84520
部品情報  TWO IN ONE SCROLLING MOUSE CONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

SC84520 データシート(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button SC84520 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 8Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 9Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 10Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 11Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 12Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 13Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 14Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Silan
Semiconductors
SC84520
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
11
d. Disable (F5)
This command is used in the stream mode to stop transmissions from SC84520.
e. Enable (F4)
Begins transmissions, if in stream mode.
f. Set Sampling Rate (F3, XX)
In the stream mode, this command sets the sampling rate to the value indicated by byte hex XX. Shown in
following:
Second byte XX
Sample Rate
0A
10/sec
14
20/sec
28
40/sec
3C
60/sec
50
80/sec
64
100/sec
C9
200/sec
g. Read Device Type (F2)
SC84520 always echoes “FA,00” following this command.
h. Set Remote Mode (F0)
Data value are reported only in response to a Read Data command.
i. Set Wrap Mode (EE)
Wrap mode remains until Reset (FF) or Reset Wrap Mode (EC) is received.
j. Reset Wrap Mode (EC)
SC84520 returns to the previous mode of operation after receiving this command.
k. Read Data (EB)
This command is executed in either remote or stream mode. The data is transmitted even if there has been no
movement since the last report or the button status is unchanged. Following a Read Data command the
registers are cleared after a data transmission.
h. Set Stream Mode (EA)
This command sets SC84520 in stream mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19